Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download MBR10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  35 45 50 60 90 150 200 24 31 35 42 63 105 140 35 45 50 60 90 150 200 10150 mbr1035 thru MBR10200 voltage range 35 to 200 volts current 10.0 amperes features plastic material used carri es underwrit ers laboratory classifications 94v-0 metal silicon junction, ma jority carrier conduction low power loss, high efficiency high current capability, low forward voltage drop high surge capability for use in low voltage, hi gh frequency inverters, free wheeling, and polarity pr otection applications guardring for over voltage protection high temperature so ldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data cases: jedec to-220a molded plastic body terminals: lead solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 5 in. - lbs. max weight: 0.08 ounce, 2.24 grams to-220a dimensions in inches and (millimeters) maximum ratings and elect rical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 1035 mbr 1045 mbr 1050 mbr 1060 mbr 1090 mbr mbr 10200 units maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward rectified current see fig. 1 i (av) 10 a peak repetitive forwar d current (square wave, 20khz) at tc=135 o c i frm 20.0 a peak forward surge curr ent, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a voltage rate of change (rated v r ) dv/dt 10,000 v/us maximum instantaneous forward voltage at (note 2) i f =10a, tc=25 o c i f =10a, tc=125 o c i f =20a, tc=25 o c i f =20a, tc=125 o c v f 0.70 0.57 0.84 0.72 0.80 0.70 0.95 0.85 0.85 0.71 - - 1.05 - - v maximum instantaneous reverse current @ tc =25 at rated dc blockin g volta g e (note 2) @ tc=125 i r 0.1 15.0 0.1 6.0 0.009 10 ma ma typical junction capacitance (note 3) cj 350 280 200 pf m aximum t hermal r esistance , j unction to case r jc 3.5 2.0 /w operating junction temperature range t j -65 to +150 storage temperature range t stg -65 to +175 notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. mounted on heatsink size of 2 in x 3 in x 0.25in al-plate. .412(10.5) max .185(4.70) .175(4.44) .055(1.40) .045(1.14) .27(6.86) .23(5.84) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .154(3.91) .148(3.74) dia pin1 2 .113(2.87) .103(2.62) .16(4.06) .14(3.56) .037(0.94) .027(0.68) .205(5.20) .195(4.95) .594(15.1) .587(14.9) .56(14.22) .53(13.46) xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 0.1 10 100 25 50 75 125 100 150 175 number of cycles at 60hz fig.3- typical instantaneous forward characteristics instantaneous for ward current . (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.3 0.2 0.1 0 1.2 0.1 0.01 1 10 40 forward voltage. (v) pulse width=300 s 1% duty cycle tj=25 c 0 tj=125 c 0 mbr1035-mbr1045 mbr1050-mbr1060 mbr1090-mbr10100 MBR10200 fig.4- typical reverse characteristics instantaneous reverse current .(ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 mbr1035-mbr1060 mbr1090-mbr1020 tj=125 c 0 tj=25 c 0 tj=75 c 0 t, pulse duration.( sec.) fig.5- typical junction capacitance junction cap acitance.(pf) 0.1 1.0 10 100 100 1,000 4,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbr1035-mbr1045 mbr1050 & mbr1060 mbr1090-MBR10200 0 50 0 2 4 6 8 case temperature. ( c) o transient thermal impedance.( c/w) o fig.6- typical transient thermal characteristic 1 0.01 0.1 10 100 0.1 10.0 1 100 ratings and characteristic curves (mbr1035 thru MBR10200) 100 150 10 12 average for ward current . (a) fig.1- forward current derating curve resistive or inductive load mbr1035-mbr1045 mbr1050-MBR10200 mbr1035 thru MBR10200 voltage range 35 to 200 volts current 10.0 amperes xinghe electronics e?o?? 2 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of MBR10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X